PART |
Description |
Maker |
UZ1086L-AD-TQ2-R UZ1086L-AD-TQ3-R UZ1086L-AD-TA3-T |
ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 LEAD FREE, TO-263, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 LEAD FREE, TO-263, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 LEAD FREE, TO-220, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO3 LEAD FREE, SOT-223, 4 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 LEAD FREE, TO-252, 3 PIN
|
Unisonic Technologies Co., Ltd.
|
FAN1581T FAN1581 FAN1581D15X FAN1581D25X FAN1581DX |
From old datasheet system 5A Adjustable/Fixed Ultra Low Dropout Linear Regulator 1.237 V-5.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5 5A Adjustable Low Dropout Voltage Regulator (LDO) 1.25 V-5.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
CS52510-1-D |
10 A LDO 5-Pin Adjustable Linear Regulator
|
ON Semiconductor
|
CS5210-1-D |
10 A LDO 3-Pin Adjustable Linear Regulator
|
ON Semiconductor
|
LTC1844ES5-BYPPBF LTC1844ES5-BYPTRM LTC1844ES5-SDP |
1.25 V-6 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 LEAD FREE, PLASTIC, MO-193, TSOT-23, 5 PIN 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.25 V-6 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
APL111728FC-TRG APL111728VC-TRG APL111750VC-TRL AP |
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 GREEN, PLASTIC, TO-261AA, SOT-223, 4 PIN 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, SFM3 GREEN, TO-220AB, 3 PIN 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2
|
Anpec Electronics Coropration ANPEC ELECTRONICS CORP Anpec Electronics, Corp. Anpec Electronics Corop...
|
GS1085CM GS1085CE GS1085CT3.3 |
IC VREG ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, POWER, TO-263AB, D2PAK-3/2, Adjustable Positive Single Output LDO Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3
|
Vishay Semiconductors
|
BDXXKA5FP BD12KA5F BD12KA5WF BD12KA5WFP BD12KA5FP |
500mA Secondary LDO Regulators for Local Power Supplies 1 V-4 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PSSO4 1 V-4 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PSSO2
|
Rohm
|
TLE6285 TLE6285G |
LIN-Transceiver LDO
|
INFINEON[Infineon Technologies AG]
|
TLE6286 TLE6286G |
LIN-Transceiver LDO
|
INFINEON[Infineon Technologies AG]
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
RC1585 RC1585M15 RC1585MT RC1585M15T RC1585M-1.5 R |
5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 Product information 5A Adjustable Low Dropout Voltage Regulator (LDO) 1.5 V-3.6 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
|